PART |
Description |
Maker |
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
ST72P561AR6 ST72P561AR9 ST72P561J6 ST72P561J9 ST72 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
|
STMICROELECTRONICS[STMicroelectronics]
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
ST72324BXX |
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
意法半导
|
ST72F262G2M6 ST72P260G1B6 ST72260G ST72260G1B6 ST7 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
|
ST Microelectronics
|
ST72F264G2H6E ST72P264G2M6_XXX ST72260G1 ST72260G1 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72P260G1M6 ST72260G1M6 ST72P264G2H1 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
|
ST Microelectronics
|
ST72324BLJ2B5 ST72324BLK2B5 ST72F324LJ2T ST72F324L |
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMicroelectronics ST Microelectronics
|
ST72F63BD6U1 ST72F63BE1M1 ST72F63BE2M1 ST72F63BE4M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
STMicroelectronics
|
ST72P621J2B1 ST72P621J2T1 ST72P621J4B1 ST72P621J4T |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72P63BK1B1 ST72P63BK1M1 ST72P63BK4M1 ST72P63BK2M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
ST Microelectronics
|
|